Micrel > Low Jitter Frequency Synthesizers from Micrel
Date: 2014-02-12 13:52Read: 5042






Micrel's Vince Stueve discusses Micrel's new low jitter frequency synthesizers.

Total : 31 ( 1/4 Pages)
Micrel's MIC2875 and MIC2876
by Micrel - 2015-03-06 10:06 - 21,038 views
Micrel's Ken Mok introduces the MIC2875 and MIC2875 5V Synchronous Boost Regulators. These are compact and highly efficient 2MHz synchronous boost regulators with a 4.8A switch. They feature a bi-directional load disconnect function that prevents any leakage current between the input and output when the device is disabled. The MIC2875 and MIC2876 operate in bypass mode automatically when the input voltage is greater than the set output voltage. At light loads, the boost converter goes to the PFM mode to improve efficiency. To minimize switching artifacts in the audio band, the MIC2875 is designed to operate with a minimum switching frequency of 45kHz from no load to full load. The MIC2875/6 also feature an integrated anti-ringing switch to minimize EMI. The MIC2875/6 are available in an 8-pin 2mm × 2mm × 0.55 thin DFN (TDFN) package,with a junction temperature range of -40°C to +125°C.
Micrel's MIC23099 - A Single Cell Regulator with Battery Monitoring
by Micrel - 2014-12-18 15:22 - 5,078 views
Micrel's Brian Huffman takes you through the specifics of the MIC23099 and provides an example of its functionality.
Micrel Power Modules: EEWeb looks at the MIC45212
by Micrel - 2014-11-12 17:14 - 5,011 views
EEWeb's Chris Anderson discusses Micrel's power modules and reviews the Micrel MIC45212.
Micrel MIC2873 and MIC2874
by Micrel - 2014-11-12 17:05 - 5,831 views
Micrel’s Ken Mok introduces two new camera flash LED drivers: the MIC2873 and the MIC2874.
MIC28304 demonstration
by Micrel - 2014-10-21 11:49 - 8,895 views
Micrel’s Miguel Mendoza demonstrates how to use the MIC28304 Micro Power Module to buck 24V DC into 12V DC point-of-load. He also looks at the thermal response behavior and transient response of the MIC28304.
MIC23450
by Micrel - 2014-10-21 11:40 - 7,291 views
Carlos Huerta and Rana Yetka of Micrel, Inc. discuss and demonstrate the MIC23450 and HyperLight Load.
brushless motor demo at APEC
by Micrel - 2014-03-28 16:07 - 30,156 views
Watch as Miguel Mendoza demonstrates Micrel's brushless motor solution at APEC 2014.
APEC Power Module demo
by Micrel - 2014-03-28 16:06 - 7,318 views
See Micrel's Miguel Mendoza take us through a demonstration of Micrel's new power modules at APEC 2014.
Low Jitter Frequency Synthesizers from Micrel
by Micrel - 2014-02-12 13:52 - 5,042 views
Micrel's Vince Stueve discusses Micrel's new low jitter frequency synthesizers.
Micrel's MIC21000 Digital PWM Controller with PMBus™
by Micrel - 2014-01-27 17:27 - 5,640 views
Micrel's Amir Lahooti introduces Micrel's MIC21000, a configurable, true-digital PWM controller for high-current, non-isolated DC/DC power supplies in computing and telecom applications.

       1 2 3 4         

| Total | 2015-03-06 | 2014-12-18 | 2014-11-12 | 2014-10-21 | 2014-03-28 |
All Rights Reserved© Alldatasheet.com 2003 - 2013