Maxim > 1-Wire® Contact Packages
Date: 2015-03-11 12:34Read: 12374







Add functionality like memory or authentication to a peripheral, without bulky PCB-mounted pads. These tiny contact packages mount right on
the peripheral at just 3.5mm x 6.5mm—no PCB needed. They’re more durable, simpler, and cheaper too.

Total : 52 ( 1/6 Pages)
MAX14850 Demo
by Maxim - 2015-03-11 12:35 - 10,271 views
Keep important digital signals clean and true, even around magnetic fields and other “noise.” This six-channel, 600V digital isolator is adaptable to RS-232/422/485, SPI, and I2C serial bus transceivers. Watch as we put it through its paces.
1-Wire® Contact Packages
by Maxim - 2015-03-11 12:34 - 12,374 views
Add functionality like memory or authentication to a peripheral, without bulky PCB-mounted pads. These tiny contact packages mount right on the peripheral at just 3.5mm x 6.5mm—no PCB needed. They’re more durable, simpler, and cheaper too.
Infographic: Diagnosing Healthcare Problems
by Maxim - 2014-12-18 15:18 - 1,920 views
Infographic: Diagnosing Healthcare Problems
Ultrasonic Flow Meter SoC: 10x More Accurate
by Maxim - 2014-12-18 15:02 - 1,648 views
Ultrasonic Flow Meter SoC: 10x More Accurate
MAXREFDES32/71
by Maxim - 2014-11-27 14:08 - 2,283 views
Smallest 4-Channel I/O-Link Master and RGB Sensor
by Maxim - 2014-11-20 12:01 - 5,713 views
Smallest 4-Channel I/O-Link Master and RGB Sensor
Mobile POS: An Advanced Cryptographic and Physical Security Solution
by Maxim - 2014-11-19 14:47 - 6,119 views
Mobile POS: An Advanced Cryptographic and Physical Security Solution
Micro PLC: Cooler, Smaller, Faster
by Maxim - 2014-11-19 14:47 - 6,164 views
Micro PLC: Cooler, Smaller, Faster
70x Faster Digital I/O Modules
by Maxim - 2014-11-19 14:47 - 5,120 views
70x Faster Digital I/O Modules
Pulse Oximetry Measurement: Wearable Oxygen Monitor for Active Lifestyles
by Maxim - 2014-11-19 14:46 - 4,352 views
Pulse Oximetry Measurement: Wearable Oxygen Monitor for Active Lifestyles

       1 2 3 4 5 6         

| Total | 2015-03-11 | 2014-12-18 | 2014-11-27 | 2014-11-20 | 2014-11-19 |
All Rights Reserved© Alldatasheet.com 2003 - 2013