Harris > Harris Corporation - Momentum™ radios provide reliable, affordable, digital communications
Date: 2015-03-09 17:16Read: 12515







The DMR certified, budget-friendly Harris Momentum™ family of digital radios include a complete line of portable and mobile radios available in
VHF, UHF, 800 and 900 MHz.

Total : 45 ( 1/5 Pages)
Harris Corporation - Tech Talks: Ka-band Antennas
by Harris - 2015-03-11 14:40 - 152,939 views
Tech Talks: Ka-band Antennas. Michael Nolan presentation from conference.
Harris Corporation - Momentum™ radios provide reliable, affordable, digital communications
by Harris - 2015-03-09 17:16 - 12,515 views
The DMR certified, budget-friendly Harris Momentum™ family of digital radios include a complete line of portable and mobile radios available in VHF, UHF, 800 and 900 MHz.
Harris Corporation - XG-75M Mobile Radio Delivers Secure Communications
by Harris - 2015-03-09 17:08 - 10,763 views
The Harris XG-75M is the mobile workhorse for public safety users around the world. Designed to meet critical demands, this multimode mobile offers end-to-end encrypted digital voice and data.
Harris Corporation - XG-25M Mobile Radio Offers Affordable Reliability
by Harris - 2015-03-09 17:07 - 10,351 views
The Harris XG-25M is a feature-rich, economical mobile solution for mission-critical communications. Armed with Bluetooth® functionality, the XG-25M has exceptional audio in a rugged, compact design.
Harris Corporation - Harris Fire Mic Takes the Heat
by Harris - 2015-03-05 17:03 - 3,527 views
Harris' Fire Remote Speaker Microphone undergoes engineering burn testing with a blow torch. The Fire RSM delivers rugged reliability when it matters most -- performance under fire.
Harris Corporation - Unity XG-100M, The Most Advanced Multiband Mobile for Public Safety
by Harris - 2015-02-05 11:05 - 7,694 views
Made in the USA, the full-spectrum Unity® XG-100M mobile radio delivers unparalleled interoperability, ease-of-use and advanced capabilities that mission-critical users can depend on for years to come.
Harris Corporation - PSPC Presents New Technology Concept Car
by Harris - 2014-11-12 17:26 - 4,094 views
Harris PSPC teamed up with Havis Inc. and Lectronix to design a fully integrated connected car that combines public safety and commercial LTE cellular network capabilities throughout the vehicle using the Harris MBC-200 LTE mobile router. The car integrates various connected applications through Harris’ secure BeOn® communications platform using any broadband or narrowband network.
Harris Corporation – XG-25P The Economical and Feature-Rich Solution for First Responders
by Harris - 2014-11-12 17:09 - 3,494 views
Harris’ XG-25P radio is budget-friendly and feature-rich. The XG-25P single-band portable radio provides the best economical value on the P25 market today.
Harris’ Symphony™ Dispatch Console Simplifies Workflow
by Harris - 2014-11-12 10:38 - 3,815 views
Harris’ Symphony Console was designed for simple, efficient dispatch operation. Symphony features patented Baton™ technology that simplifies workflow by putting the features dispatchers want where they need them most without an extra monitor, keyboard or mouse.
Harris Air-to-Ground Networking
by Harris - 2014-11-11 16:42 - 5,817 views
Multi-Mission Airborne Networking Radio Solutions Interoperability for communications between ground troops and airborne assets has never been more important. From close air support, to search and rescue, to air-to-air, and air-to-ground communications, Harris enables assured communications with our family of radios.

       1 2 3 4 5         

| Total | 2015-03-11 | 2015-03-09 | 2015-03-05 | 2015-02-05 | 2014-11-12 |
All Rights Reserved© Alldatasheet.com 2003 - 2013