DIGIKEY > XBee® Zigbee Cloud kit - Another Geek Moment | Digi-Key
Date: 2015-01-19 16:57Read: 6507







The world’s No. 1 selling M2M RF module. This video provides a Digi-Key demonstration on the XBee ZigBee in action and also explains the
features, benefits, how to use the XBee ZigBee Cloud kit, Gateway, and ZigBee cloud connection.

Digi International’s XBee ZigBee Cloud kit (Digi-Key part number 602-1411-ND) offers a great solution over competing cloud based application
monitoring platforms which can be difficult to use and are extremely time consuming. The XBee ZigBee is a cloud based application monitoring
platform that reduces development cycles and times, allowing your cloud-connected prototype to be up and running within a matter of minutes.
It’s low-power requirements, medium-range, and flexible networking that is easy to install, configure, and maintain, make it a popular choice
among a variety of field applications. The platform also offers its own XBee ZigBee Gateway, which provides a wireless and transparent
connection to the internet.

XBee ZigBee Cloud kit is the complete packages that comes with hardware and integration tools including: XBee development board, XB radio,
Ethernet cable, USB cable, battery holder, Gateway, Gateway power supply, resistors, sensors, fets, LEDs, resistors, jumper wires, relay, and
push buttons. Access to a potentiometer, additional push buttons, breadboard, slide switch, LED bar, audio buzzer, vibration motor, dip
switches, prototyping header, and a 3-axis accelerometer are also provided.

Learn more about the XBee ZigBee here: http://www.digikey.com/product-highli..., http://www.digikey.com/product-search...,
http://www.digikey.com/Suppliers/us/D...

To see more Digi-Key videos, subscribe to Digi-Key’s YouTube channel: https://www.youtube.com/user/digikey

Connect with Digi-Key on Facebook: https://www.facebook.com/digikey.corp... and follow on Twitter: @digikey

Total : 1,380 ( 1/138 Pages)
Custom BUD Box Enclosures – Another Geek Moment│ DigiKey
by DIGIKEY - 2015-03-11 12:16 - 10,476 views
Create a custom BUD enclosure in a few quick and easy steps, and let DigiKey and BUD Industries take care of the dirty work. DigiKey and BUD Industries work together from quote to finish to help you create a custom enclosure. Begin by downloading BUD DXF Drawings (CAD Type), and use it to modify designs and create your custom enclosure. Design modifications include changing sized, special finishes, installing accessories, adding holes/cutouts, and more! Once complete, send your custom enclosure desing to modenclosures@digikey.com for a quotation or to place your order. Learn more about BUD’s custom enclosures here: http://www.digikey.com/Suppliers/us/B... To see more Digi-Key videos, subscribe to Digi-Key’s YouTube channel:https://www.youtube.com/user/digikey Connect with Digi-Key on Facebook: https://www.facebook.com/digikey.corp... and follow on Twitter: @digikey
NKK SmartSwitch™ - Another Geek Moment | DigiKey
by DIGIKEY - 2015-03-09 16:40 - 8,548 views
See how DigiKey puts a new twist on an old game using SmartSwitch™ OLCD/LED pushbuttons from NKK Switches. SmartSwitch™ saves time and money by combining a pushbutton and rocker switch with a built in programmable OLED or LCD display which can be changed with the use of a microcontroller. Implementing the use of a microcontroller can change the SmartSwitch™ display to represent only the available choices, which reduces the total number of traditional switches needed. In addition, having the display at an operator’s fingertips while deciding and selecting an action streamlines the process and decreases error. In addition, a wide viewing angle and customizable backlight and color setting allow switch programmers to alert users to changes in the system and use text or graphics to explain them. Because SmartSwitch™ can be reprogrammed, it can be used for other projects, eliminating the need for three separate panels. Board space is also saved since there is no need to implement an LCD capacitive touch screen. Using programmable devices, such as SmartSwitch™, in place of traditional switches saves money, simplifies the system, and eliminates the need to ch...
PUI Speaker Enclosures - Another Geek Moment Product Preview │ DigiKey
by DIGIKEY - 2015-03-06 10:09 - 8,348 views
PUI Audio introduces a new series of high quality, hassle free, loudspeaker enclosures. This new series from PUI is hassle free; no calculations or formulas needed. Each unit is placed in a ABS enclosure and is carefully matched with the acoustic capabilities of the speaker inside to ensure the highest sound quality and component durability for a variety of applications including: medical, fire and safety, point of sale, industrial, consumer electronics, and more. PUI’s speakers are available in five different options in 150mm lead wire lengths. Choose PUI’s speakers for an easy, turnkey solution to add audio to your project! Learn more about PUI’s speakers here: http://www.digikey.com/product-highli..., http://www.digikey.com/PTM/Individual..., http://www.digikey...
Digi-Key Catches Sasquatch with Panasonic Motion Sensors – Another Geek Moment │ DigiKey
by DIGIKEY - 2015-03-05 17:08 - 5,217 views
Will they finally catch him? See how Digi-Key creates custom motion sensors using various electronic components from Panasonic paired with an Android app to in hopes to catch Sasquatch. A PIR motion sensor with a 12 m range (EKMB1203112 - http://dky.bz/1zSC0Se ), a low-power Bluetooth module (PAN1740 - http://dky.bz/174ICBm ), and a lithium battery (CR-2032L/F1N - http://dky.bz/1zBlhho ) all from Panasonic are used to create six custom motion sensors which are configured with an Android smart phone app. Once complete, any moving traffic, such as Sasquatch, will enable the custom designed motion sensors, set off the Android app, and notify Digi-Key. Tune in to see if Digi-Key will finally capture Sasquatch! Learn more about the featured Panasonic components here: http://www.digikey.com/product-search..., http://www.digikey.com/product- detail...,
RECOM R-78w Regulator - Another Geek Moment │ DigiKey
by DIGIKEY - 2015-02-02 15:36 - 9,442 views
This video provides a Digi-Key demonstration of how to use RECOM's R-78w wire leaded regulator in LED lighting applications and also explains its features, benefits, and intended applications. RECOM's R-78w wire leaded DC regulator offers designers a way to quickly and easily source multiple voltages. R-78w is available in 32v input and 5, 9, and 12v output. It’s ability to power both a lighting and cooling source using only power source makes it a useful component for LED lighting applications. Learn more about the R-78w Wire Leaded DC Regulator here: http://www.digikey.com/product-search..., http://www.digikey.com/Suppliers/us/R... To see more Digi-Key videos, subscribe to Digi-Key’s YouTube channel: https://www.youtube.com/user/digikey Connect with Digi-Key on Facebook: https://www.facebook.com/digikey.corp... and follow us on Twitter: @digikey
Vishay Precision Trimmed Resistors - Another Geek Moment │ DigiKey
by DIGIKEY - 2015-02-02 15:17 - 4,789 views
An overview of the specifications, features, and benefits of Precision Trimmed Resistors, a new value added product in the Vishay's VSMP series from Vishay Foil Resistors (a division of Vishay Precision Group). Precision Trimmed Resistors are available out to the sixth (6th) decimal place, are offered in four (4) different sizes: 0805, 1206, 2010, and 2512, have a customizable resistance range of 4 ~ 120k, and provide a tight tolerance up to 0.01%. Learn more about Precision Trimmed Resistors here: http://www.digikey.com/product-search..., http://www.digikey.com/suppliers/us/v... To see more Digi-Key videos, subscribe to Digi-Key’s YouTube channel: https://www.youtube.com/user/digikey Connect with Digi-Key on Facebook: https://www.facebook.com/digikey.corp... and follow us on Twitter: @digikey
XBee® Zigbee Cloud kit - Another Geek Moment | Digi-Key
by DIGIKEY - 2015-01-19 16:57 - 6,507 views
The world’s No. 1 selling M2M RF module. This video provides a Digi-Key demonstration on the XBee ZigBee in action and also explains the features, benefits, how to use the XBee ZigBee Cloud kit, Gateway, and ZigBee cloud connection. Digi International’s XBee ZigBee Cloud kit (Digi-Key part number 602-1411-ND) offers a great solution over competing cloud based application monitoring platforms which can be difficult to use and are extremely time consuming. The XBee ZigBee is a cloud based application monitoring platform that reduces development cycles and times, allowing your cloud-connected prototype to be up and running within a matter of minutes. It’s low-power requirements, medium-range, and flexible networking that is easy to install, configure, and maintain, make it a popular choice among a variety of field applications. The platform also offers its own XBee ZigBee Gateway, which provides a wireless and transparent connection to the internet. XBee ZigBee Cloud kit is the complete packages that comes with hardware and integration tools including: XBee development board, XB radio, Ethernet cable, USB cable, battery holder, Gateway, Gateway power sup...
Hangout on Air with Digi-Key and Mentor Graphics
by DIGIKEY - 2014-12-22 16:46 - 24,972 views
Using Reference Designs to Accelerate Product Development The use of reference designs to jump-start the development of a project is well understood. Engineers will take a proven idea, with the schematic, PCB layout, software, and in many cases the hardware already developed as their starting point, add their own thoughts and creativity, and turn it into their own! In this Google Hangout, we will discuss the benefits of using reference designs, how to import and use reference designs in Designer Schematic and Designer Layout, and continue the design and make it yours.
Hangout on Air with Digi-Key and Mentor Graphics
by DIGIKEY - 2014-12-19 12:24 - 7,886 views
Using Reference Designs to Accelerate Product Development The use of reference designs to jump-start the development of a project is well understood. Engineers will take a proven idea, with the schematic, PCB layout, software, and in many cases the hardware already developed as their starting point, add their own thoughts and creativity, and turn it into their own! In this Google Hangout, we will discuss the benefits of using reference designs, how to import and use reference designs in Designer Schematic and Designer Layout, and continue the design and make it yours.
Free Schematic Design Tools – Another Geek Moment | Product Preview │ DigiKey
by DIGIKEY - 2014-12-18 16:39 - 4,449 views
http://digikey.com/designtools - A quick preview of three free schematic design tools offered from DigiKey including Scheme-it, PartSim, and pcbweb.

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-11 | 2015-03-09 | 2015-03-06 | 2015-03-05 | 2015-02-02 |
All Rights Reserved© Alldatasheet.com 2003 - 2013