ARROW > Composing "Shelly": Software
Date: 2014-09-01 11:45Read: 4642





Provides the software back story of the "Experience virtualized industrial workloads in harmony"
video/demo.

Total : 464 ( 1/47 Pages)
Infineon OPTIGA Trust
by ARROW - 2015-02-02 15:17 - 7,799 views
This video outlines the OPTIGA Trust Family and its benefits
Consolidating industrial systems: Virtualization meets multicore technology
by ARROW - 2014-09-01 11:46 - 5,403 views
Reduce complexity and improve factory efficiency through real-time virtualization
Composing "Shelly": Construction
by ARROW - 2014-09-01 11:46 - 4,495 views
Provides the construction back story of the "Experience virtualized industrial workloads in harmony" video/demo.
Composing "Shelly": Software
by ARROW - 2014-09-01 11:45 - 4,642 views
Provides the software back story of the "Experience virtualized industrial workloads in harmony" video/demo.
Composing "Shelly": Design
by ARROW - 2014-09-01 11:44 - 4,463 views
Provides the design back story of the "Experience virtualized industrial workloads in harmony" video/demo.
Experience virtualized industrial workloads in harmony
by ARROW - 2014-09-01 11:44 - 5,388 views
Experience multiple virtualized industrial workloads in one harmonized system, delivering deterministic, real-time performance.
Collaborating for the Internet of Things
by ARROW - 2014-09-01 11:43 - 5,442 views
Developing solutions for the Internet of Things (IoT). Kumar Balasubramanian of Intel, Tom Moore of McAfee and Jim Douglas of Wind River, how they are collaborating to streamline IoT integration by delivering consistent, reliable, integrated, end-to-end solutions that encompass hardware and software and scale across industries.
16-Channel, 16-/12-bit Voltage Output DACs in a tiny 6mm x 6mm Package
by ARROW - 2014-07-31 13:55 - 3,336 views
General-purpose DACs address a wide range of applications including instrumentation, industrial control, and setting voltages and currents in all manner of analog circuits. In this video, we demonstrate the 16-/12-bit LTC2668, a 16-channel, voltage output DAC with five software-programmable (SoftSpan™) or pin-configurable output voltage ranges up to ±10V. Each output span is independently selectable per channel, with full 16-bit resolution at all spans. All spans are derived from an internal 2.5V, 10ppm/°C (max) reference. Additional features include an internal 16:1 analog multiplexer for calibration or monitoring circuit integrity, and a toggle function that allows the DAC to quickly toggle between two DAC codes. The Serial Peripheral Interface (SPI) has a separate supply pin, allowing a direct interface to 1.8V FPGAs, 5V microcontrollers, or any logic voltage between. The demo board is compatible with Linear Technology's Linduino™ microcontroller platform, with C libraries provided to greatly speed up firmware development. Learn more: http://www.linear.com/product/LTC2668 Order now on Arrow.com: http://parts.arrow.com/item/detail/linear...
Active Clamp Synchronous Forward Controllers
by ARROW - 2014-07-31 13:54 - 4,889 views
The LT3752, LT3752‑1 and LT3753 are active clamp forward controllers that minimize external component count, solution size and cost. Two of these controllers, the LT3752 and LT3753, are designed for inputs up to 100V. The LT3752-1 is designed for applications with input voltages greater than 100V, suitable for HV car battery and offline isolated power supplies, industrial, automotive and military systems. The LT3752, LT3752-1 and LT3753 simplify the design and improve performance to isolated power supplies with a volt-second clamp architecture that produces accurate regulation. An integrated flyback controller can be used to produce a housekeeping supply, simplifying the magnetics. Additional features include programmable overcurrent protection, adjustable input undervoltage and overvoltage lockout, programmable turn-on current spike blanking and programmable delays between various gate signals. Learn more: http://www.linear.com/product/LT3752 Order now from Arrow.com: http://parts.arrow.com/item/search/#st=lt3752;repgEc
NEW Honeywell Nanopower Series
by ARROW - 2014-05-22 11:01 - 5,069 views
Revolutionize your designs with Honeywell's new Nanopower Series MR Sensor ICs. Get the top choice in Sensor ICs for today's demanding designs. Whether you're developing industrial, medical or consumer electronic devices, Honeywell delivers with the all new Nanopower Series Magnetoresistive (MR) Sensor ICs. Backed by Arrow's engineering expertise, these innovative devices can get your next design to market faster, smarter and cheaper than you thought possible. Available for purchase at http://www.parts.arrow.com

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-02-02 | 2014-09-01 | 2014-07-31 | 2014-05-22 | 2014-03-11 |
All Rights Reserved© Alldatasheet.com 2003 - 2013