STMicroelectronics > From EW 2015 show, Fast and easy prototyping with STM32
Date: 2015-03-09 17:13Read: 33768







Find out more information: http://www.st.com/stm32
Example of a smartwatch prototype based on the STM32 Open Development Environment

Total : 46 ( 2/5 Pages)
From EW 2015 show, New STM32 F3 motor control ecosystem
by STMicroelectronics - 2015-03-09 17:14 - 35,657 views
Find out more information: http://www.st.com/stm32f3 http://www.st.com/motor-control ST's Motor control library has automatic motor parameter detection and delivers an easy way to start-up and evaluate different kinds of motors
From EW 2015 show, Fast and easy prototyping with STM32
by STMicroelectronics - 2015-03-09 17:13 - 33,768 views
Find out more information: http://www.st.com/stm32 Example of a smartwatch prototype based on the STM32 Open Development Environment
ルネサスの「3分でわかる」シリーズ Vol.35 『ポート機能とは?入力編(1/2)』
by Renesas - 2015-03-09 17:13 - 58,143 views
ルネサスの「3分でわかる」シリーズ Vol.36 『ポート機能とは?入力編(2/2)』
by Renesas - 2015-03-09 17:12 - 53,903 views
Freescale Thread Demo with AllJoyn® Application Framework
by Freescale - 2015-03-09 17:12 - 39,927 views
Freescale demonstrates Thread, an IP-based mesh networking protocol, running on the Kinetis KW2x family of Wireless MCUs with integrated 2.4 GHz 802.15.4 radio, an IoT Gateway based on the i.MX 6 series processor and connected to several end devices running the AllJoyn application framework. see more @ http://www.freescale.com/thread
How to Design with Fly-Buck Using LM5160 in PLC Applications
by TexasInstruments - 2015-03-09 17:08 - 36,807 views
Xiang shows the advantages of the Fly-Buck topology for isolated power supplies in applications like factory automation and PLCs. He demonstrates how to use Fly-Buck converters in higher power systems using LM5160.
Harris Corporation - XG-75M Mobile Radio Delivers Secure Communications
by Harris - 2015-03-09 17:08 - 31,119 views
The Harris XG-75M is the mobile workhorse for public safety users around the world. Designed to meet critical demands, this multimode mobile offers end-to-end encrypted digital voice and data.
Harris Corporation - XG-25M Mobile Radio Offers Affordable Reliability
by Harris - 2015-03-09 17:07 - 30,928 views
The Harris XG-25M is a feature-rich, economical mobile solution for mission-critical communications. Armed with Bluetooth® functionality, the XG-25M has exceptional audio in a rugged, compact design.
Tap Tap Tech - Episode 1 - Internet of Things (IoT)
by EEweb - 2015-03-09 16:50 - 36,547 views
Josh shares his thoughts on the Internet of Things movement. Brought to you by OnlineComponents.com.
Discover Key Automotive Features Developed by TI and TI's Partners on Linux
by TexasInstruments - 2015-03-09 16:50 - 44,168 views
This demonstration is focused on key improvements in fast boot, early camera and audio, multimedia, navigation, screen replication and more. Introduces a Mentor hyper visor solution driving cluster and infotainments systems on a single "Jacinto 6".

       1 2 3 4 5         

| Total | 2015-03-11 | 2015-03-10 | 2015-03-09 | 2015-03-06 | 2015-03-05 |
All Rights Reserved© Alldatasheet.com 2003 - 2013