|
From EW 2015 show, New STM32 F3 motor control ecosystem
by STMicroelectronics - 2015-03-09 17:14 - 36,023 views
Find out more information: http://www.st.com/stm32f3
http://www.st.com/motor-control
ST's Motor control library has automatic motor parameter detection and delivers an easy way to start-up and evaluate different kinds of motors |
 |
From EW 2015 show, Fast and easy prototyping with STM32
by STMicroelectronics - 2015-03-09 17:13 - 34,074 views
Find out more information: http://www.st.com/stm32
Example of a smartwatch prototype based on the STM32 Open Development Environment |
 |
ルネサスの「3分でわかる」シリーズ Vol.35 『ポート機能とは?入力編(1/2)』
by Renesas - 2015-03-09 17:13 - 58,188 views
|
 |
ルネサスの「3分でわかる」シリーズ Vol.36 『ポート機能とは?入力編(2/2)』
by Renesas - 2015-03-09 17:12 - 53,957 views
|
 |
Freescale Thread Demo with AllJoyn® Application Framework
by Freescale - 2015-03-09 17:12 - 40,546 views
Freescale demonstrates Thread, an IP-based mesh networking protocol, running on the Kinetis KW2x family of Wireless MCUs with integrated
2.4 GHz 802.15.4 radio, an IoT Gateway based on the i.MX 6 series processor and connected to several end devices running the AllJoyn
application framework. see more @ http://www.freescale.com/thread |
 |
How to Design with Fly-Buck Using LM5160 in PLC Applications
by TexasInstruments - 2015-03-09 17:08 - 37,286 views
Xiang shows the advantages of the Fly-Buck topology for isolated power supplies in applications like factory automation and PLCs. He
demonstrates how to use Fly-Buck converters in higher power systems using LM5160. |
 |
Harris Corporation - XG-75M Mobile Radio Delivers Secure Communications
by Harris - 2015-03-09 17:08 - 31,435 views
The Harris XG-75M is the mobile workhorse for public safety users around the world. Designed to meet critical demands, this multimode mobile
offers end-to-end encrypted digital voice and data. |
 |
Harris Corporation - XG-25M Mobile Radio Offers Affordable Reliability
by Harris - 2015-03-09 17:07 - 32,309 views
The Harris XG-25M is a feature-rich, economical mobile solution for mission-critical communications. Armed with Bluetooth® functionality, the
XG-25M has exceptional audio in a rugged, compact design. |
 |
Tap Tap Tech - Episode 1 - Internet of Things (IoT)
by EEweb - 2015-03-09 16:50 - 36,947 views
Josh shares his thoughts on the Internet of Things movement. Brought to you by OnlineComponents.com. |
 |
Discover Key Automotive Features Developed by TI and TI's Partners on Linux
by TexasInstruments - 2015-03-09 16:50 - 45,283 views
This demonstration is focused on key improvements in fast boot, early camera and audio, multimedia, navigation, screen replication and more.
Introduces a Mentor hyper visor solution driving cluster and infotainments systems on a single "Jacinto 6". |