TexasInstruments > Discover Key Automotive Features Developed by TI and TI's Partners on Linux
Date: 2015-03-09 16:50
Read: 45283
This demonstration is focused on key improvements in fast boot, early camera and audio, multimedia, navigation, screen replication and more.
Introduces a Mentor hyper visor solution driving cluster and infotainments systems on a single "Jacinto 6".
Freescale Thread Demo with AllJoyn® Application Framework by Freescale - 2015-03-09 17:12 - 40,546 views
Freescale demonstrates Thread, an IP-based mesh networking protocol, running on the Kinetis KW2x family of Wireless MCUs with integrated
2.4 GHz 802.15.4 radio, an IoT Gateway based on the i.MX 6 series processor and connected to several end devices running the AllJoyn
application framework. see more @ http://www.freescale.com/thread
How to Design with Fly-Buck Using LM5160 in PLC Applications by TexasInstruments - 2015-03-09 17:08 - 37,286 views
Xiang shows the advantages of the Fly-Buck topology for isolated power supplies in applications like factory automation and PLCs. He
demonstrates how to use Fly-Buck converters in higher power systems using LM5160.
Harris Corporation - XG-75M Mobile Radio Delivers Secure Communications by Harris - 2015-03-09 17:08 - 31,435 views
The Harris XG-75M is the mobile workhorse for public safety users around the world. Designed to meet critical demands, this multimode mobile
offers end-to-end encrypted digital voice and data.
Harris Corporation - XG-25M Mobile Radio Offers Affordable Reliability by Harris - 2015-03-09 17:07 - 32,309 views
The Harris XG-25M is a feature-rich, economical mobile solution for mission-critical communications. Armed with Bluetooth® functionality, the
XG-25M has exceptional audio in a rugged, compact design.
Discover Key Automotive Features Developed by TI and TI's Partners on Linux by TexasInstruments - 2015-03-09 16:50 - 45,283 views
This demonstration is focused on key improvements in fast boot, early camera and audio, multimedia, navigation, screen replication and more.
Introduces a Mentor hyper visor solution driving cluster and infotainments systems on a single "Jacinto 6".