NXP > NXP at MWC 2015 - Me and My Smarter World Forums
Date: 2015-03-11 14:35Read: 31122







All the action from the NXP forums at MWC 2015. Covering topics including Digital Identity, Mobility and Urban Living

Total : 11,049 ( 2/1105 Pages)
NXP at MWC 2015 - Me and My Smarter World Forums
by NXP - 2015-03-11 14:35 - 31,122 views
All the action from the NXP forums at MWC 2015. Covering topics including Digital Identity, Mobility and Urban Living
Ask the Experts With HP Labs - Grenoble, France: Part Two
by TexasInstruments - 2015-03-11 14:35 - 23,697 views
HP Labs in Grenoble, France, talks about the biggest advantages of the HP ProLiant m800 server cartridge, featuring TI 66AK2Hx multicore ARM + DSP devices, in an NFV environment.
Ask the Experts With HP Labs - Grenoble, France: Part One
by TexasInstruments - 2015-03-11 14:34 - 24,570 views
HP Labs in Grenoble, France, talks about why the HP ProLiant m800 server cartridge, featuring TI 66AK2Hx multicore ARM + DSP devices, is ideal for voice transcoding.
Introduction to EZ-PD CCG2: USB Type-C Cable Controller from Cypress Semiconductor
by Cypress - 2015-03-11 14:34 - 35,088 views
Mark Fu, Sr. Marketing Director introduces EZ-PD CCG2, Cypress’s second-generation USB Type-C solution. CCG2 is a highly integrated controller targeting Type-C cables and accessories. Based on Cypress’s PSoC architecture, CCG2 integrates an ARM Cortex M0 CPU, 32KB Flash, Type-C transceiver and termination resistors, and system-level ESD protection up to 8KV contact and 15KV air gap discharge. Available in a 20-ball Chip-Scale Package (CSP) measuring only 3.3 mm2, CCG2 is 50% smaller than its predecessor CCG1 and requires only 4 external passive components, making it a compelling solution for Type-C Electronically Marked Cable Assemblies (EMCA) and accessories. In this video, Mark Fu demonstrates a CCG2 demo kit that delivers 60W over a Type-C port, charging a notebook PC.
Isolated Shunt-Based Current & Voltage Sensing Reference Design for Protection Relays
by TexasInstruments - 2015-03-11 14:33 - 30,938 views
This isolated shunt based current measurement unit enables high accuracy current measurement without the use of Current Transformers (CT). The isolation is achieved through the use of AMC1304.
NXP ultra small adapter solution
by NXP - 2015-03-11 14:33 - 59,037 views
GreenChip TEA1836 & TEA1892 controller ICs for ultra small 25-65 W adapters. Watch the video to see the solution for worlds first truly portable power adapter, that is as cool as it looks. Visit: http://www.nxp.com/greenchip for more information
Ben Heck’s Single-Handed Pinball Mod Trailer
by Element14 - 2015-03-11 14:32 - 30,566 views
http://element14.com/tbhs See the trailer for the next exciting episode of The Ben Heck show. Check back on Friday to be among the first to see the exclusive full show on element14.
Raytheon Company Overview
by RaytheonCompany - 2015-03-11 14:31 - 28,892 views
Our new company video is about our people, our technology, our vision, and the values we hold dear at Raytheon.
Embedded World 2015: BLDC Motor Control Using Atmel | SMART SAM D21
by Atmel - 2015-03-11 14:30 - 52,414 views
Sankaranarayanan Kitchiah, Atmel Staff Software Engineer, shows off a BLDC motor control development platform using Atmel | SMART SAM D21 and the Atmel Data Visualizer application during Embedded World 2015. Stay connected! Embedded Design Blog: http://blog.atmel.com Twitter: http://www.atmel.com/twitter Facebook: http://www.atmel.com/facebook LinkedIn: http://www.atmel.com/linkedin
他に類のない47メガピクセル のインターラインCCDイメージセンサKAI 47051
by ONSemiconductor - 2015-03-11 14:28 - 60,293 views
http://www.onsemi.jp/他に類のない世界初のオン・セミコンダクター47メガピクセルのインターラインCCD­イメージセンサ、KAI 47051 のデモ をお見せします。

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-11 | 2015-03-10 | 2015-03-09 | 2015-03-06 | 2015-03-05 |
All Rights Reserved© Alldatasheet.com 2003 - 2013