NXP at MWC 2015 - Me and My Smarter World Forums by NXP - 2015-03-11 14:35 - 28,766 views
All the action from the NXP forums at MWC 2015. Covering topics including Digital Identity, Mobility and Urban Living
Ask the Experts With HP Labs - Grenoble, France: Part Two by TexasInstruments - 2015-03-11 14:35 - 21,295 views
HP Labs in Grenoble, France, talks about the biggest advantages of the HP ProLiant m800 server cartridge, featuring TI 66AK2Hx multicore
ARM + DSP devices, in an NFV environment.
Ask the Experts With HP Labs - Grenoble, France: Part One by TexasInstruments - 2015-03-11 14:34 - 22,280 views
HP Labs in Grenoble, France, talks about why the HP ProLiant m800 server cartridge, featuring TI 66AK2Hx multicore ARM + DSP devices, is
ideal for voice transcoding.
Introduction to EZ-PD CCG2: USB Type-C Cable Controller from Cypress Semiconductor by Cypress - 2015-03-11 14:34 - 32,274 views
Mark Fu, Sr. Marketing Director introduces EZ-PD CCG2, Cypress’s second-generation USB Type-C solution. CCG2 is a highly integrated
controller targeting Type-C cables and accessories. Based on Cypress’s PSoC architecture, CCG2 integrates an ARM Cortex M0 CPU, 32KB
Flash, Type-C transceiver and termination resistors, and system-level ESD protection up to 8KV contact and 15KV air gap discharge. Available
in a 20-ball Chip-Scale Package (CSP) measuring only 3.3 mm2, CCG2 is 50% smaller than its predecessor CCG1 and requires only 4
external passive components, making it a compelling solution for Type-C Electronically Marked Cable Assemblies (EMCA) and accessories. In
this video, Mark Fu demonstrates a CCG2 demo kit that delivers 60W over a Type-C port, charging a notebook PC.
NXP ultra small adapter solution by NXP - 2015-03-11 14:33 - 56,675 views
GreenChip TEA1836 & TEA1892 controller ICs for ultra small 25-65 W adapters. Watch the video to see the solution for worlds first truly
portable power adapter, that is as cool as it looks.
Visit: http://www.nxp.com/greenchip for more information
Raytheon Company Overview by RaytheonCompany - 2015-03-11 14:31 - 26,348 views
Our new company video is about our people, our technology, our vision, and the values we hold dear at Raytheon.